PART |
Description |
Maker |
AIWA-TV-A149 |
AIWA-TV-A149
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
V175LA10A V175LA2 V175LA20A V175LA5 V230LA10 V230L |
Line Voltage Operation, Radial Lead 线电压工作,径向引线 POWER QUICC II MICROCODE Line Voltage Operation/ Radial Lead Line Voltage Operation Radial Lead
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
3516 A3515LUA. |
RATIOMETRICLINEAR ALL-EFFECT SENSORS FOR IG -TEMPERATURE OPERATION Ratiometric Linear Hall-Effect Sensors for High-Temperature Operation
|
Allegro MicroSystems, Inc.
|
MBM29DL161TE-70 MBM29DL161TE-90 MBM29DL162TE-90 MB |
16M (2MX8/1MX16) BIT Dual Operation 1M X 16 FLASH 3V PROM, 12 ns, PDSO48 TVS BIDIRECT 600W 48V SMB 16米(2米x 8/1M × 16)位双操 8 PORT MODULAR SWITCH 4 PORT 100MB MULTI-MODE FIBER BANDWIDTH MANAGER MODULE TP 16M (2M X 8/1M X 16) BIT Dual Operation
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|
S4810 S6289 |
Low-voltage operation photo IC Operation at low voltage from 2.2 V
|
Hamamatsu Corporation
|
FLZ24V FLZ27V FLZ20V FLZ13VA FLZ3V0 FLZ6V8 FLZ5V1 |
ZENER DIODES Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 12.45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
DL324 DL323 DL322 AM29DL323GB120EF AM29DL323GT120E |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 120 ns, PBGA48 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业快闪记忆 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位4个M × 8 2米x 16位).0伏的CMOS只,同时作业快闪记忆 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位M × 8 2米x 16位).0伏的CMOS只,同时作业快闪记忆 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Spansion Inc. Spansion, Inc.
|
EPC1064 EPC1 EPC1213 EPC1441 EPC1441XXX EPC1064PC8 |
Configuration devices for SRAM-based LUT devices, 440,800 1-bit device with 5.0-V or 3.3-V operation Configuration devices for SRAM-based LUT devices, 65,536 1-bit device with 3.3-V operation Configuration devices for SRAM-based LUT devices, 65,536 1-bit device with 5.0-V operation Configuration devices for SRAM-based LUT devices, 212,942 1-bit device with 5.0-V operation
|
Altera Corporation List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
MBM29PDS322BE10PBT MBM29PDS322BE11 MBM29PDS322BE11 |
32M (2M x 16) BIT Page Dual Operation 2M X 16 FLASH 1.8V PROM, 115 ns, PBGA63 32M (2M x 16) BIT Page Dual Operation 32M的(2米16)位页双操作 NEOZED TYPE,400V.10A 2M X 16 FLASH 1.8V PROM, 100 ns, PBGA63 Replaced by TPS2046B : 0.345A, 2.7-5.5V Dual (1In/2Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 8-SOIC -40 to 85
|
Fujitsu Component Limited. Fujitsu, Ltd. FUJITSU LTD
|
SML4732 SML4728 SML4764A SML4735 SML4740 SML4741 S |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode (SML4728 - SML4764A) Surface Mount Zener Diodes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
DDZ9705S-7 DDZ9715S-7 DDZ9701S-7 DDZ9711S-7 DDZ970 |
SURFACE MOUNT PRECISION ZENER DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 18 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 43 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode
|
Diodes Inc. Diodes, Inc.
|
XA3SD1800A XA3SD3400A DS705 |
XA Spartan-3A DSP Automotive FPGA Family Data Sheet Integrated adder for complex multiply or multiply-add operation Integrated adder for complex multiply or multiply-add operation
|
Xilinx, Inc
|